PART |
Description |
Maker |
MIC2215 MIC2215-PPPBML MIC2215-PMMBML MIC2215-AAAB |
4500 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN Replaced by PTH05060W : GT 24C 24#16 PIN PLUG Tirple High PSRR/ Low Noise uCap LDO Tirple High PSRR, Low Noise uCap LDO Tirple High PSRR Low Noise uCap LDO
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
NCP3985SN275T1G NCP3985SN18T1G NCP3985SN28T1G NCP3 |
Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO5
|
http:// ON Semiconductor
|
P6KE200CA P6KE47CA P6KE30CA P6KE56CA P6KE33CA P6KE |
UNI AND BIDIRECTIONAL TYPES/ PEAK PULSEPOWER : 600W From old datasheet system TRANSIL TM UNI AND BIDIRECTIONAL TYPES PEAK PULSEPOWER : 600W UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W Octal Buffers/Drivers with 3-State Outputs 20-SSOP/QSOP -40 to 85 Single Output LDO, 200mA, Fixed(2.85V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 3-V to 5.5-V Multichannel RS-232 1-MBit/s Line Driver/Receiver 28-SOIC -40 to 85 Octal D-Type Registers with 3-State Outputs 20-SOIC -40 to 85 Single Output LDO, 1.0A, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-223 -40 to 125 Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 Single Output LDO, 1.0A, Fixed(5.0V), Low Noise, High PSRR 6-SOT-223 -40 to 125 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
ENC102D-10A ENC112D-10A ENC820D-10A ENC220D-10B EN |
±15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN STD MOV Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手
|
Central Semiconductor, Corp.
|
MCP1801T-1802I/OT MCP1801T-1202I/OT MCP1801T-3302I |
150 mA, High PSRR, Low Quiescent Current LDO 150毫安高PSRR,低静态电流低压降稳压
|
Microchip Technology Inc. Microchip Technology, Inc.
|
AS1374-BWLT1833 AS1374-BWLT1533 AS1374-BWLT1818 AS |
Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
|
austriamicrosystems AG ams AG
|
MAX8940EXKXYT MAX8940EXKXY-T MAX8940 |
Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator
|
Maxim Integrated Products
|
MP20051 MP20051DN |
Low Noise, High PSRR, 1A Linear Regulator
|
Monolithic Power Systems
|
AS1358 AS1359 |
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
|
austriamicrosystems AG
|
AP5320-13S5 APL532012BTI-TRG APL5320-12QB APL5320- |
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
|
Anpec Electronics Coropration Anpec Electronics Corop...
|
AS1359-BTTT-27 AS1359-BTTT-33 AS1359-BTTT-15 AS135 |
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
|
ams AG
|